|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
www.murata-ps.com ULS Series Sixteenth-brick DOSA-Compatible, Isolated DC/DC Converters FEATURES Small footprint DC/DC converter, ideal for high current applications Tiny 0.9" x 1.3" x 0.40" open frame package Industry standard DOSA "brick" format and pinout 36-75 Volts DC input range 2250 Volt Basic input/output isolation (48V models) Up to 66 Watts total output power with overtemperature shutdown High efficiency synchronous rectifier forward topology Stable no-load operation with no required external components Operating temperature range -40 to +85C with derating UL 60950-1, CSA-C22.2 No. 234, EN60950-1 safety approvals, 2nd Edition (pending) Extensive self-protection shut down features Typical unit PRODUCT OVERVIEW The world of "brick" DC/DC converters has seen a steady size reduction. The ULS series makes another dramatic size shrink down to a "sixteenthbrick" width (0.9 inches) while still retaining a 66 Watt output and full 2250 Volt DC isolation. The PC-board mount converter family accepts 36 to 75 Volts DC inputs and delivers fixed outputs regulated to within 0.2%. The ULS converters are ideal for datacom and telecom applications, cell phone towers, data centers, server farms and network repeaters. ULS outputs may be trimmed within 10% of nominal output while delivering fast settling to current step loads and no adverse effects from higher capacitive loads. Excellent ripple and noise specifications assure compatibility to circuits using CPU's, ASIC's, programmable logic and FPGA's. No minimum load is required. For systems requiring controlled startup/shutdown, an external remote On/Off control may use a switch, transistor or digital logic. Remote Sense inputs compensate for resistive line drops at high currents. Many self-protection features on the ULS series avoid both converter and external circuit hazards. These include input undervoltage lockout and overtemperature shutdown. The outputs current limit using the "hiccup" autorestart technique and the outputs may be short-circuited indefinitely. Additional features include output overvoltage and reverse conduction elimination. The synchronous rectifier forward topology yields high efficiency for minimal heat buildup and "no fan" operation. SIMPLIFIED BLOCK DIAGRAM +SENSE (7) +Vin (1) +Vout (8) SWITCH CONTROL -Vout (4) -Vin (3) PULSE TRANSFORMER -SENSE (5) REFERENCE ERROR AMP INPUT UNDER VOLTAGE, OVER TEMPERATURE, AND OUTPUT OVER VOLTAGE COMPARATORS PWM CONTROLLER OPTO ISOLATION Vout TRIM (6) REMOTE ON/OFF CONTROL (2) Typical topology is shown Figure 1. Simplified Block Diagram For full details go to www.murata-ps.com/rohs www.murata-ps.com 19 Jul 2010 email: sales@murata-ps.com MDC_ULS Series.B16 Page 1 of 12 ULS Series Sixteenth-brick DOSA-Compatible, Isolated DC/DC Converters PERFORMANCE SPECIFICATIONS AND ORDERING GUIDE M Output Root Model M ULS-3.3/20-D48N-C ULS-5/12-D48N-C ULS-12/5-D48N-C ULS-15/2-D48N-C ULS-12/2.5-D48N-C VOUT OUT (V) 3.3 5 12 15 12 OUT Power IOUT (A, max.) (W) Input Max. 120 80 120 Regulation (max.) P VIN Nom. Range (V) (V) Line Load 0.1% 0.125% 0.125% 0.2% 0.25% 0.25% 48 48 48 36-75 36-75 36-75 IIN, no load (mA) 20 40 50 IIN, full load (A) 1.53 1.39 1.37 R/N (mV pk-pk) N Typ. 70 50 80 Efficiency Min. 89% 88% 88% Typ. 90% 90% 91% C76 Package Case (inches) 0.9x1.3x0.40 0.9x1.3x0.40 0.9x1.3x0.40 0.9x1.3x0.40 0.9x1.3x0.40 20 12 5 2 2.5 66 60 60 PRELIMINARY - Please contact Murata Power Solutions for further information. M Please refer to the Part Number Structure when ordering. Regulation specifications describe output voltage deviations from a nominal/midpoint value to either N These specifications are preliminary. Contact Murata Power Solutions for availability. extreme (50% load step). O All specifications are at nominal line voltage and full load, +25C unless otherwise noted. See detailed Models ULS-12/2.5-D48N-C and ULS-15/2-D48N-C do not include sense pins. specifications. Output capacitors are 1 F ceramic multilayer in parallel with 10 F electrolytic. I/O caps are necessary for our test equipment and may not be needed for your application. PART NUMBER STRUCTURE ULS - 3.3 / 20 - D48 N H Lx - C RoHS Hazardous Substance Compliance (does not claim EU RoHS exemption 7b-lead in solder) C = RoHS-6 Y = RoHS-5 Sixteenth Brick Series Pin Length Option (Thru-hole only) Blank = Standard pin length 0.180 (4.6mm) L1 = 0.110 (2.79mm) L2 = 0.145 (3.68mm) Nominal Output Voltage: Conformal Coating: Blank = No coating, standard H = Coating added, optional special order Maximum Rated Output Current Current in Amps On/Off Control Polarity: N = Negative, standard P = Positive, optional special order Note: Some model number combinations may not be available. Contact Murata Power Solutions. Input Voltage Range: D48 = 36-75 Volts (48V nominal) DC/DC Converter Preferred location of On/Off control adjacent to -Vin terminal + Vin On/Off Enable Control Ground Bounce Protection To improve reliability, if you use a small signal transistor or other external circuit to select the Remote On/Off control, make sure to return the LO side directly to the -Vin power input on the DC/DC converter. To avoid ground bounce errors, do not connect the On/Off return to a distant ground plane or current-carrying bus. If necessary, run a separate small return wire directly to the -Vin terminal. There is very little current (typically 1-5 mA) on the On/Off control however, large current changes on a return ground plane or ground bus can accidentally trigger the converter on or off. If possible, mount the On/ Off transistor or other control circuit adjacent to the converter. On/Off Enable On/Off Control Transistor -Vin return Ground plane or power return bus Do not connect control transistor through remote power bus Install separate return wire for On/Off control with remote transistor Figure 2. On/Off Enable Control Ground Bounce Protection www.murata-ps.com 19 Jul 2010 email: sales@murata-ps.com MDC_ULS Series.B16 Page 2 of 12 ULS Series Sixteenth-brick DOSA-Compatible, Isolated DC/DC Converters MECHANICAL SPECIFICATIONS BOTTOM PIN SIDE VIEW 1.30 3 4 5 6 7 0.600 1 8 0.030 Min INPUT/OUTPUT CONNECTIONS P75 Pin Function Pin Function 3 Negative Input 4 Negative Output 5 -Sense In* 2 On/Off Control 6 Trim 7 +Sense In* 1 Positive Input 8 Positive Output Important! Always connect the sense pins. If they are not connected to a remote load, wire each sense pin to its respective voltage output at the converter pins. * Models ULS-12/2.5-D48N-C and ULS-15/2-D48N-C do not include sense pins. The 0.145-inch pin length is shown. Please refer to the part number structure for alternate pin lengths. 0.145 0.400 Max 0.136 0.005 0.300 0.600 0.90 END VIEW 2 SIDE VIEW 1.100 PINS 1-3,5-7: 0.0400.001(1.0160.025) PINS 4,8: 0.0620.001(1.5750.025) Pin material: Copper alloy. Plating: Gold over nickel Dimensions are in inches (mm) shown for ref. only. Third Angle Projection TOP VIEW Tolerances (unless otherwise specified): .XX 0.02 (0.5) .XXX 0.010 (0.25) Angles 2 Components are shown for reference only and may vary between units. www.murata-ps.com 19 Jul 2010 email: sales@murata-ps.com MDC_ULS Series.B16 Page 3 of 12 ULS Series Sixteenth-brick DOSA-Compatible, Isolated DC/DC Converters Absolute Maximum Ratings Input Voltage Continuous +75 Volts Transient (100 mS) +100 Volts On/Off Control 0 V. min to +15 V. max. Input Reverse Polarity Protection None, install external fuse Current-limited. Devices can withstand Output Current sustained short circuit without damage. Storage Temperature -55 to +125C Lead Temperature See soldering guidelines Absolute maximums are stress ratings. Exposure of devices to greater than any of these conditions may adversely affect long-term reliability. Proper operation under conditions other than those listed in the Performance/Functional Specifications Table is not implied or recommended. Output, continued Efficiency See Ordering Guide Maximum Capacitive Loading (Low 1000F max. (ULS-3.3 &-5) ESR > 0.02 min., resistive load) 2000F (ULS-12/2.5) Isolation Voltage 2250 Vdc min. Input to Output Isolation Resistance 10 Megohms min. Isolation Capacitance 1000 pF Isolation Safety Rating Basic insulation Current Limit Inception (13) 26 Amps (ULS-3.3/20-D48, ULS-5/12-D48) (97% of VOUT setting, after warmup) 6.8 Amps (ULS-12/5-D48) 3.5 Amps (ULS-12/2.5) Short Circuit (5) Current limiting with hiccup autorestart. Protection Method Remove overload for recovery. Short Circuit Current 6.6 Amps (ULS-3.3/20-D48) 0.5 Amps (ULS-5/12-D48) 0.6 Amps (ULS-12/5-D48) 0.04 Amps (ULS-12/2.5) Continuous, output shorted to ground (no Short Circuit Duration damage) Overvoltage Protection 4.29 Volts (ULS-3.3/20-D48) via Magnetic feedback 6.5 Volts (ULS-5/12-D48) 14.5 Volts (ULS-12/5-D48) 15 Volts (ULS-12/2.5) 150 Sec to 1% of final value Dynamic Load Response (ULS-3.3/20-D48) 25-50-25 Sec to 1% of final value (ULS-5/12-D48, ULS-12/5-D48) Start-Up Time 5 mSec (ULS-3.3/20-D48) 10 mSec (ULS-5/12-D48) VIN on to VOUT regulated 30 mSec (ULS-12/5-D48) Remote On/Off to VOUT regulated 30 mSec (ULS-12/5-D48) Switching Frequency 400-520 kHz (ULS-3.3 & -5) 260-310 kHz (ULS-12/2.5) The converter will start if the external load Pre-Bias Load Startup pre-bias does not exceed Vnominal Environmental Calculated MTBF(4) 3.2M Hours Operating Temperature Range -40 to +85C(11) With derating See Derating Curves Storage Temperature Range -55 to +125C Thermal Protection/Shutdown +110-130C (hot spot) Relative Humidity (non-condensing) to +85%RH/+85C Physical Outline Dimensions See Mechanical Specifications Gold-plated copper alloy with nickel Pin Material underplate Pin Diameter (Pins 1-3, 5-7) 0.04" (1.02mm) (Pins 4 & 8) 0.062" (1.58mm) Weight 0.58 ounce (16.4 grams) Electromagnetic Interference EN55022/CISPR22 (requires external filter) (50-75% load step) Safety (designed to meet) Flammability Rating UL/cUL 60950-1, CSA-C22.2 No.234, IEC/EN 60950-1, 2nd Edition UL94V-0 (designed to meet) email: sales@murata-ps.com Performance/Functional Specifications Typical at TA = +25C under nominal line voltage, nominal output voltage, natural air convection, 1 F || 10 F output external caps, 22F low ESR input external cap and full-load conditions unless otherwise noted.(1) Input Voltage Range Start-up Threshold Undervoltage Shutdown (12) Overvoltage Shutdown Reflected (Back) Ripple Current (2) Input Current Full Load Conditions Inrush Transient Output Short Circuit Current Low Line (VIN = Vmin.) Input See Ordering Guide 34.5 Volts (ULS-3.3 & -5) 33.5 Volts (ULS-12/2.5) 32.5 Volts None 20 mA pk-pk See Ordering Guide 0.05 A2Sec. 100 mA 2.08 Amps (ULS-3.3/20-D48) 1.85 Amps (ULS-5/12-D48) 1.83 Amps (ULS-12/5-D48) 0.95 Amps (ULS-12/2.5) 5 mA Capacitive 10 Amps (ULS-3.5 & -5) 2 Amps (ULS-12/2.5) None, install external fuse Off = ground pin to +1.0 V Max On = open pin or + 10 V min. to +15 V Max Off = open pin or +2.5 V min. to +15 V Max On = -0.1 V to +0.8 V Max 1-5 Output See Ordering Guide 1% of Vnominal -10% to +10% of Vnominal (ULS-3.3 &-5) -20% to +10% (ULS-12/2.5) 0.02% of Vout range per C No minimum load 10% max. of Vset (18) See Ordering Guide (9)(14) See Ordering Guide Standby Mode(Off, UV, OT shutdown) Internal Input Filter Type Recommended External Fast Blow Fuse Reverse Polarity Protection Remote On/Off Control (6) Positive Logic ("P" model suffix) Negative Logic ("N" model suffix) Current, mA Out Voltage Output Range (3)(15) Voltage Output Accuracy Adjustment Range (8) Temperature Coefficient Minimum Loading Remote Sense Compensation Ripple/Noise (20 MHz bandwidth) Line/Load Regulation (7) www.murata-ps.com 19 Jul 2010 MDC_ULS Series.B16 Page 4 of 12 ULS Series Sixteenth-brick DOSA-Compatible, Isolated DC/DC Converters Performance Specification Notes 1. All specifications are typical unless noted. Ambient temperature = +25Celsius, VIN is nominal, output current is maximum rated nominal. External output capacitance is 1 F multilayer ceramic paralleled with 10 F electrolytic. All caps are low ESR. These capacitors are necessary for our test equipment and may not be needed in your application. Testing must be kept short enough that the converter does not appreciably heat up during testing. For extended testing, use plenty of airflow. See Derating Curves for temperature performance. All models are stable and regulate within spec without external cacacitance. 2. Input Ripple Current is tested and specified over a 5-20 MHz bandwidth and uses a special set of external filters only for the Ripple Current specifications. Input filtering is CIN = 33 F, CBUS = 220 F, LBUS = 12 H. Use capacitor rated voltages which are twice the maximum expected voltage. Capacitors must accept high speed AC switching currents. 3. Note that Maximum Current Derating Curves indicate an average current at nominal input voltage. At higher temperatures and/or lower airflow, the converter will tolerate brief full current outputs if the average RMS current over time does not exceed the Derating curve. All Derating curves are presented at sea level altitude. Be aware of reduced power dissipation with increasing density altitude. 4. Mean Time Before Failure (MTBF) is calculated using the Telcordia (Belcore) SR-332 Method 1, Case 3, Issue 1, ground fixed conditions. Operating temperature = +30C, full output load, natural air convection. 5. The output may be shorted to ground indefinitely with no damage. The Output Short Circuit Current shown in the specifications is an average consisting of very short bursts of full rated current to test whether the output circuit can be repowered. 6. The On/Off Control is normally driven from a switch or relay. An open collector/open drain transistor may be used in saturation and cut-off (pinch-off) modes. External logic may also be used if voltage levels are fully compliant to the specifications. 7. Regulation specifications describe the deviation as the input line voltage or output load current is varied from a nominal midpoint value to either extreme (50% load). 8. Do not exceed maximum power ratings, Sense limits or output overvoltage when adjusting output trim values. 9. At zero output current, Vout may contain components which slightly exceed the ripple and noise specifications. 10. Output overload protection is non-latching. When the output overload is removed, the output will automatically recover. 11. All models are fully operational and meet published specifications, including "cold start" at -40C. 12. The converter will shut off if the input falls below the undervoltage threshold. It will not restart until the input exceeds the Input Start Up Voltage. 13. Short circuit shutdown begins when the output voltage degrades approximately 2% from the selected setting. 14. Output noise may be further reduced by installing an external filter. See the Application Notes. Use only as much output filtering as needed and no more. Larger caps (especially low-ESR ceramic types) may slow transient response or degrade dynamic performance. Thoroughly test your application with all components installed. 15. To avoid damage or unplanned shutdown, do not sink appreciable reverse output current. 16. If reverse polarity is accidentally applied to the input, to ensure reverse input protection with full output load, always connect an external fast blow input fuse in series with the +VIN input. 17. Although extremely unlikely, failure of the internal components of this product may expose external application circuits to dangerous voltages, currents, temperatures or power levels. Please thoroughly verify all applications before committing them to service. Be sure to include appropriately-rated FUSES (see specifications and Application Notes) to reduce the risk of failure. 18. Models ULS-12/2.5-D48 and ULS-15/2-D48 do not include sense pins. Soldering Guidelines Murata Power Solutions recommends the specifications below when installing these converters. These specifications vary depending on the solder type. Exceeding these specifications may cause damage to the product. Your production environment may differ; therefore please thoroughly review these guidelines with your process engineers. Wave Solder Operations for through-hole mounted products (THMT) For Sn/Ag/Cu based solders: Maximum Preheat Temperature Maximum Pot Temperature Maximum Solder Dwell Time 115 C. 270 C. 7 seconds For Sn/Pb based solders: Maximum Preheat Temperature Maximum Pot Temperature Maximum Solder Dwell Time 105 C. 250 C. 6 seconds www.murata-ps.com 19 Jul 2010 email: sales@murata-ps.com MDC_ULS Series.B16 Page 5 of 12 ULS Series Sixteenth-brick DOSA-Compatible, Isolated DC/DC Converters Input Fusing Certain applications and/or safety agencies may require the installation of fuses at the inputs of power conversion components. Fuses should also be used if the possibility of sustained, non-current-limited, input-voltage polarity reversals exists. For DATEL ULS series DC/DC converters, we recommend the use of a fast blow fuse, installed in the ungrounded input supply line with a typical value about twice the maximum input current, calculated at low line with the converter's minimum efficiency. All relevant national and international safety standards and regulations must be observed by the installer. For system safety agency approvals, the converters must be installed in compliance with the requirements of the end- use safety standard, i.e. IEC/EN/UL60950-1. Input Reverse-Polarity Protection If the input voltage polarity is accidentally reversed, an internal diode will become forward biased and likely draw excessive current from the power source. If this source is not current limited or the circuit appropriately fused, it could cause permanent damage to the converter. Input Under-Voltage Shutdown and Start-Up Threshold Under normal start-up conditions, devices will not begin to regulate properly until the ramping-up input voltage exceeds the Start-Up Threshold Voltage. Once operating, devices will not turn off until the input voltage drops below the Under-Voltage Shutdown limit. Subsequent re-start will not occur until the input is brought back up to the Start-Up Threshold. This built in hysteresis prevents any unstable on/off situations from occurring at a single input voltage. Start-Up Time The VIN to VOUT Start-Up Time is the time interval between the point at which the ramping input voltage crosses the Start-Up Threshold and the fully loaded output voltage enters and remains within its specified accuracy band. Actual measured times will vary with input source impedance, external input capacitance, and the slew rate and final value of the input voltage as it appears at the converter. The ULS Series implements a soft start circuit to limit the duty cycle of its PWM controller at power up, thereby limiting the input inrush current. The On/Off Control to VOUT start-up time assumes the converter has its nominal input voltage applied but is turned off via the On/Off Control pin. The specification defines the interval between the point at which the converter is turned on (released) and the fully loaded output voltage enters and remains within its specified accuracy band. Similar to the VIN to VOUT start-up, the On/Off Control to VOUT start-up time is also governed by the internal soft start circuitry and external load capacitance. The difference in start up time from VIN to VOUT and from On/Off Control to VOUT is therefore insignificant. Input Source Impedance The input of ULS converters must be driven from a low ac-impedance source. The DC/DC's performance and stability can be compromised by the use of highly inductive source impedances. The input circuit shown in Figure 3 is a practical solution that can be used to minimize the effects of inductance in the input traces. For optimum performance, components should be mounted close to the DC/DC converter. I/O Filtering, Input Ripple Current, and Output Noise All models in the ULS Series are tested/specified for input reflected ripple current and output noise using the specified external input/output components/ circuits and layout as shown in the following two figures. External input capacitors (CIN in Figure 3) serve primarily as energy-storage elements, minimizing line voltage variations caused by transient IR drops in conductors from backplane to the DC/DC. Input caps should be selected for bulk capacitance (at appropriate frequencies), low ESR, and high rms-ripple-current ratings. The switching nature of DC/DC converters requires that dc voltage sources have low ac impedance as highly inductive source impedance can affect system stability. In Figure 3, CBUS and LBUS simulate a typical dc voltage bus. Your specific system configuration may necessitate additional considerations. TO OSCILLOSCOPE CURRENT PROBE +INPUT + VIN - -INPUT CIN = 33F, ESR < 700m @ 100kHz CBUS = 220F, ESR < 100m @ 100kHz LBUS = 12H CBUS LBUS CIN Figure 3. Measuring Input Ripple Current In critical applications, output ripple/noise (also referred to as periodic and random deviations or PARD) may be reduced below specified limits using filtering techniques, the simplest of which is the installation of additional external output capacitors. They function as true filter elements and should be selected for bulk capacitance, low ESR and appropriate frequency response. All external capacitors should have appropriate voltage ratings and be located as close to the converter as possible. Temperature variations for all relevant parameters should also be taken carefully into consideration. The most effective combination of external I/O capacitors will be a function of line voltage and source impedance, as well as particular load and layout conditions. In Figure 4, the two copper strips simulate real-world PCB impedances between the power supply and its load. In order to minimize measurement errors, scope measurements should be made using BNC connectors, or the probe ground should be less than 1/2 inch and soldered directly to the fixture. Floating Outputs Since these are isolated DC/DC converters, their outputs are "floating" with respect to their input. Designers will normally use the -Output as the ground/ return of the load circuit. You can however, use the +Output as ground/return to effectively reverse the output polarity. Minimum Output Loading Requirements ULS converters employ a synchronous-rectifier design topology and all models regulate within spec and are stable under no-load to full load conditions. Operation under no-load conditions however might slightly increase the output ripple and noise. www.murata-ps.com 19 Jul 2010 email: sales@murata-ps.com MDC_ULS Series.B16 Page 6 of 12 ULS Series Sixteenth-brick DOSA-Compatible, Isolated DC/DC Converters +SENSE +OUTPUT COPPER STRIP C1 C2 SCOPE RLOAD -OUTPUT -SENSE COPPER STRIP C1 = 1F CERAMIC C2 = 10F TANTALUM LOAD 2-3 INCHES (51-76mm) FROM MODULE Remote Sense Note: The Sense and VOUT lines are internally connected through low-value resistors. Nevertheless, if the sense function is not used for remote regulation the user should connect the +Sense to +VOUT and -Sense to -VOUT at the DC/ DC converter pins. ULS series converters employ a sense feature to provide point of use regulation, thereby overcoming moderate IR drops in PCB conductors or cabling. The remote sense lines carry very little current and therefore require minimal cross-sectional-area conductors. The sense lines, which are capacitively coupled to their respective output lines, are used by the feedback control-loop to regulate the output. As such, they are not low impedance points and must be treated with care in layouts and cabling. Sense lines on a PCB should be run adjacent to dc signals, preferably ground. [VOUT(+)-VOUT(-)] - [Sense(+)-Sense(-)] d 10%VOUT In cables and discrete wiring applications, twisted pair or other techniques should be used. Output over-voltage protection is monitored at the output voltage pin, not the Sense pin. Therefore, excessive voltage differences between VOUT and Sense in conjunction with trim adjustment of the output voltage can cause the over-voltage protection circuitry to activate (see Performance Specifications for over-voltage limits). Power derating is based on maximum output current and voltage at the converter's output pins. Use of trim and sense functions can cause output voltages to increase, thereby increasing output power beyond the converter's specified rating, or cause output voltages to climb into the output over-voltage region. Therefore, the designer must ensure: (VOUT at pins) x (IOUT) d rated output power Contact and PCB resistance losses due to IR drops -INPUT +OUTPUT IOUT +SENSE Sense Current ON/OFF CONTROL TRIM Sense Return -SENSE IOUT Return +INPUT -OUTPUT Contact and PCB resistance losses due to IR drops LOAD Figure 4. Measuring Output Ripple/Noise (PARD) Thermal Shutdown The ULS converters are equipped with thermal-shutdown circuitry. If environmental conditions cause the temperature of the DC/DC converter to rise above the designed operating temperature, a precision temperature sensor will power down the unit. When the internal temperature decreases below the threshold of the temperature sensor, the unit will self start. See Performance/Functional Specifications. Output Over-Voltage Protection The ULS output voltage is monitored for an over-voltage condition using a comparator. The signal is optically coupled to the primary side and if the output voltage rises to a level which could be damaging to the load, the sensing circuitry will power down the PWM controller causing the output voltage to decrease. Following a time-out period the PWM will restart, causing the output voltage to ramp to its appropriate value. If the fault condition persists, and the output voltage again climbs to excessive levels, the over-voltage circuitry will initiate another shutdown cycle. This on/off cycling is referred to as "hiccup" mode. Current Limiting As soon as the output current increases to approximately 130% of its rated value, the DC/DC converter will go into a current-limiting mode. In this condition, the output voltage will decrease proportionately with increases in output current, thereby maintaining somewhat constant power dissipation. This is commonly referred to as power limiting. Current limit inception is defined as the point at which the full-power output voltage falls below the specified tolerance. See Performance/Functional Specifications. If the load current, being drawn from the converter, is significant enough, the unit will go into a short circuit condition as described below. Short Circuit Condition When a converter is in current-limit mode, the output voltage will drop as the output current demand increases. If the output voltage drops too low, the magnetically coupled voltage used to develop primary side voltages will also drop, thereby shutting down the PWM controller. Following a time-out period, the PWM will restart causing the output voltage to begin ramping to their appropriate value. If the short-circuit condition persists, another shutdown cycle will be initiated. This on/off cycling is referred to as "hiccup" mode. The hiccup cycling reduces the average output current, thereby preventing internal temperatures from rising to excessive levels. The ULS Series is capable of enduring an indefinite short circuit output condition. Figure 5. Remote Sense Circuit Configuration On/Off Control The input-side, remote On/Off Control function can be ordered to operate with either polarity: Positive ("P" suffix) polarity models are enabled when the on/off pin is left open (or is pulled high, applying +3.5V to +13.5V with respect to -Input) as per Figure 6. Positive-polarity devices are disabled when the on/off pin is pulled low (0 to 0.8V with respect to -Input). Negative ("N" suffix) polarity devices are off when pin is left open (or pulled high, applying +3.5V to +13.5V), and on when pin is pulled low (0 to 1V) with respect to -Input as shown in Figure 10. www.murata-ps.com 19 Jul 2010 email: sales@murata-ps.com MDC_ULS Series.B16 Page 7 of 12 ULS Series Sixteenth-brick DOSA-Compatible, Isolated DC/DC Converters Dynamic control of the remote on/off function is best accomplished with a mechanical relay or an open-collector/open-drain drive circuit (optically isolated if appropriate). The drive circuit should be able to sink appropriate current (see Performance Specifications) when activated and withstand appropriate voltage when deactivated. Applying an external voltage to pin 2 when no input power is applied to the converter can cause permanent damage to the converter. +INPUT +Vcc 13V CIRCUIT ON/OFF CONTROL 5V CIRCUIT -INPUT Figure 6. Driving the Negative Polarity On/Off Control Pin (simplified circuit) OUTPUT VOLTAGE ADJUSTMENT Trim Equations Trim Down -INPUT +OUTPUT RT DOWN (k:) = Where _ 5.11 - 10.22 +SENSE ON/OFF CONTROL VOUT - VNOM _ VNOM Trim Up TRIM RTRIM UP -SENSE LOAD RT UP (k:) = Where _ 5.11 x VNOM x (1 + ) 1.225 x VOUT - VNOM _ VNOM - 5.11 - 10.22 +INPUT -OUTPUT Figure 3. Trim Connections To Increase Output Voltages Connect sense to its respective VOUT pin if sense is not used with a remote load. Note: "" is always a positive value. "VNOM" is the nominal, rated output voltage. "VOUT" is the desired, changed output voltage. -INPUT +OUTPUT +SENSE ON/OFF CONTROL RTRIM DOWN TRIM LOAD -SENSE +INPUT -OUTPUT Figure 4. Trim Connections To Decrease Output Voltages www.murata-ps.com 19 Jul 2010 email: sales@murata-ps.com MDC_ULS Series.B16 Page 8 of 12 ULS Series Sixteenth-brick DOSA-Compatible, Isolated DC/DC Converters TYPICAL PERFORMANCE CURVES, ULS-3.3/20-D48 Efficiency vs. Line Voltage and Load Current @ 25C Maximum Current Temperature Derating at Sea Level (VIN = 48V, longitudinal airflow) 25 Output Current (Amps) 20 15 10 5 0 30 35 40 45 50 55 60 65 70 75 80 85 Ambient Temperature (C) Natural convection 100 LFM 200 LFM 300 LFM 400 LFM 100 95 90 Efficiency (%) 85 80 75 70 65 60 3 4 6 8 10 12 14 16 18 20 Load Current (Amps) VIN = 75V VIN = 48V VIN = 36V TYPICAL PERFORMANCE CURVES, ULS-5/12-D48 Efficiency and Power Dissipation @ 25C Maximum Current Temperature Derating at Sea Level (VIN = 48V, airflow is from Vin to Vout) 12 11 13 100 95 90 Power Dissipation (Watts) 10 Output Current (Amps) 12 Natural convection 11 10 9 8 7 30 35 40 45 50 55 60 65 70 75 80 85 Efficiency (%) 85 80 75 70 65 60 55 50 3.0 4.0 5.0 6.0 7.0 VIN = 75V VIN = 48V VIN = 36V 9 8 7 6 5 Power Dissipation (Vin = 48V) 8.0 9.0 10.0 11.0 12.0 4 3 2 Ambient Temperature (C) Load Current (Amps) www.murata-ps.com 19 Jul 2010 email: sales@murata-ps.com MDC_ULS Series.B16 Page 9 of 12 ULS Series Sixteenth-brick DOSA-Compatible, Isolated DC/DC Converters TRANSIENT RESPONSE, ULS-3.3/20-D48 (Resistive loads 50% with +25% step Vin=48V) Transient Response (Load from 75% to 50%) Enable Start-up Transient Response (Load from 50% to 75%) Enable Start-up (Vin=48V Iout=20A) Ripple and Noise (1uF Ceramic and 10uF Tantalum Capcitors) Enable Start-up (Vin=48V Iout=0A) R/N Waveform (Vin=48V Iout=20A) R/N Waveform (Vin=48V Iout=0A) www.murata-ps.com 19 Jul 2010 email: sales@murata-ps.com MDC_ULS Series.B16 Page 10 of 12 ULS Series Sixteenth-brick DOSA-Compatible, Isolated DC/DC Converters TYPICAL PERFORMANCE CURVES, ULS-12/2.5-D48 Efficiency vs. Line Voltage and Load Current @ 25C Power Dissipation vs. Load Current @ 25C 89 88 87 86 85 84 83 82 81 80 79 78 77 76 75 0.25 4.5 4.0 Power Dissipation (Watts) 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.48 0.70 0.93 1.15 1.38 1.60 1.83 2.05 2.28 2.50 Efficiency (%) VIN = 75V VIN = 60V VIN = 48V VIN = 36V VIN = 75V VIN = 60V VIN = 48V VIN = 36V 0.3 0.5 0.7 0.9 1.2 1.4 1.6 1.8 2.1 2.3 2.5 Load Current (Amps) Load Current (Amps) Maximum Current Temperature Derating at Sea Level (VIN = 36, 48, and 75V, airflow is from pin 3 to pin 1) 3.0 3.0 Maximum Current Temperature Derating at Sea Level (VIN = 60V, airflow is from pin 3 to pin 1) Output Current (Amps) Output Current (Amps) 2.5 65 LFM 2.5 100 LFM 65 LFM 2.0 2.0 30 35 40 45 50 55 60 65 70 75 80 85 Ambient Temperature (C) 30 35 40 45 50 55 60 65 70 75 80 85 Ambient Temperature (C) www.murata-ps.com 19 Jul 2010 email: sales@murata-ps.com MDC_ULS Series.B16 Page 11 of 12 ULS Series Sixteenth-brick DOSA-Compatible, Isolated DC/DC Converters TYPICAL PERFORMANCE CURVES, ULS-12/5-D48 Efficiency and Power Dissipation vs. Line Voltage and Load Current @ 25C Maximum Current Temperature Derating at Sea Level (VIN = 48V, airflow is from Vin to Vout) 6 100 95 90 12 Output Current (Amps) 11 10 5 4 3 2 1 0 30 35 40 45 50 55 60 65 70 75 80 85 Efficiency (%) 80 75 70 65 60 55 50 0.50 0.95 1.40 1.85 2.30 VIN = 75V VIN = 48V VIN = 36V Power Dissipation (Vin = 48V) 2.75 3.20 3.65 4.10 4.55 8 7 6 5 4 3 2 5.00 Loss (Watts) 85 9 Natural convection 100 LFM 200 LFM 300 LFM 400 LFM Ambient Temperature (C) Load Current (Amps) Murata Power Solutions, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A. ISO 9001 and 14001 REGISTERED Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. (c) 2010 Murata Power Solutions, Inc. www.murata-ps.com/locations 19 Jul 2010 email: sales@murata-ps.com MDC_ULS Series.B16 Page 12 of 12 |
Price & Availability of ULS |